PART |
Description |
Maker |
MC14001BCL MC14002BCP MC14075BCL MC14023BCL |
B-Suffix Series CMOS Gates 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, CDIP14 B-Suffix Series CMOS Gates 4000/14000/40000 SERIES, DUAL 4-INPUT NOR GATE, PDIP14
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
NLV14011BDG NLV14011BDTR2G MC14001BDG |
B-Suffix Series CMOS Gates B-Suffix Series CMOS Gates
|
ON Semiconductor
|
AM29F160DB75FC AM29F160DT120FC AM29F160DT75FC AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory Switch Mode Power Supply; Series:SC40; Output Voltage:5V; Output Power Max:40W; Output Current:4A; Number of Outputs:3; Output Current 2:1A; Output Current 3:0.5A Triple 3-Input Positive-AND Gates 14-TSSOP -40 to 85 Triple 3-Input Positive-AND Gates 14-SO -40 to 85 Triple 3-Input Positive-AND Gates 14-TVSOP -40 to 85
|
http:// AMD Advanced Micro Devices, Inc.
|
CD4070BMS CD4077BMS FN3322 CD4070 CD4077 |
Exclusive-OR and Exclusive NOR Gates, 2-Input, Quad, Rad-Hard, CMOS, Logic CMOS Quad Exclusive OR and Exclusive NOR Gates From old datasheet system
|
INTERSIL[Intersil Corporation]
|
HD74LV2GT02A HD74LV2GT02AUSE |
Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A Dual 2-input NOR Gates / CMOS Logic Level Shifter
|
Renesas Electronics Corporation
|
HD74LV2GT00A HD74LV2GT00AUSE |
Standard IC>General-Purpose Logics>Uni-Logic 74LV-A LVT-A 1G/1GW/2G Series>74LV2G-A LV2GT-A Dual 2-input NAND Gates / CMOS Logic Level Shifter
|
Renesas Electronics Corporation
|
HD74ALVC2G32 HD74ALVC2G32USE |
Standard IC>General-Purpose Logics>Uni-Logic 74ALVC 1G/2G Series>74ALVC2G Series Dual 2-input OR Gates
|
Renesas Electronics Corporation
|
V23100S2234A840 V23100S0302A303 V23100S2034A840 V2 |
FPGA IGLOOe Family 3M Gates 892.86MHz Commercial 130nm (CMOS) Technology 1.5V 484-Pin FBGA FPGA IGLOOe Family 3M Gates Commercial 130nm (CMOS) Technology 1.5V 484-Pin FBGA FPGA IGLOOe Family 3M Gates 892.86MHz Industrial 130nm (CMOS) Technology 1.5V 484-Pin FBGA FPGA IGLOOe Family 3M Gates Commercial 130nm (CMOS) Technology 1.5V 896-Pin FBGA FPGA IGLOOe Family 3M Gates 892.86MHz Industrial 130nm (CMOS) Technology 1.5V 896-Pin FBGA FPGA ProASIC®3 Family 1M Gates 272MHz Industrial 130nm (CMOS) Technology 1.5V 256-Pin FBGA FPGA ProASIC®3 Family 1M Gates 272MHz Industrial 130nm (CMOS) Technology 1.5V 484-Pin FBGA
|
Cypress Semiconductor, Corp. EPCOS AG
|
AME8811OEFT AME8811OEAT AME8800JEEV AME8800KEAT AM |
CAPACITOR, BESTCAP 33 MILLI FARAD 9V CAPACITOR, BESTCAP 33 MILLI FARAD 9V; CAPACITANCE:33MF; VOLTAGE RATING, DC:9V; CAPACITOR DIELECTRIC TYPE:ELECTRONIC; SERIES:BESTCAP; TEMP, OP. MAX:75(DEGREE C); TEMP, OP. MIN:-20(DEGREE C); RoHS Compliant: Yes 300mA CMOS LDO 300mA的CMOS低压 AB 16C 16#16 PIN PLUG 300mA的CMOS低压 Quadruple Bus Buffer Gates With 3-State Outputs 14-SO -40 to 85 300mA的CMOS低压 Quadruple Bus Buffer Gates With 3-State Outputs 14-SSOP -40 to 85 300mA的CMOS低压
|
AME, Inc.
|
4073B 4071B 4072B |
CMOS OR GATES
|
RANDE[R & E International, Inc.]
|
4412B 4402B |
CMOS EXPANDABLE GATES
|
RANDE[R & E International, Inc.]
|